PART |
Description |
Maker |
GM7630_05 GM7630 GM7630SIP10T GM763005 |
FIXED MULTI-OUTPUT REGULATOR
|
GAMMA[Gamma Microelectronics Inc.]
|
APL5835-18D APL5835-EC-TU APL5835 APL5835-18DC-TR |
2.7 V, 450 mA low dropout linear regulator of adjustable and fixed voltage 450mA Low Dropout Linear Regulator of Adjustable and Fixed Voltages 3A Fixed Low Dropout Linear Regulator (LDO) 2.6 V FIXED POSITIVE LDO REGULATOR, 1.45 V DROPOUT, PSSO3 3A Fixed Low Dropout Linear Regulator (LDO) 1.8 V FIXED POSITIVE LDO REGULATOR, 1.45 V DROPOUT, PBCY3 3A Fixed Low Dropout Linear Regulator (LDO) 3.3 V FIXED POSITIVE LDO REGULATOR, 1.45 V DROPOUT, PSSO3 3A Fixed Low Dropout Linear Regulator (LDO) 3A固定低压差线性稳压器(LDO Multi Turn Trimmer; Series:70; Track Resistance:500ohm; Resistance Tolerance: 10%; Power Rating:1W; Operating Temperature Range:-55 C to C; Resistor Element Material:Cermet; Temperature Coefficient:100 ppm RoHS Compliant: Yes 四百五十○毫安低压差线性稳压器,可调式和固定电
|
ANPEC Electronics Corporation ANPEC[Anpec Electronics Coropration] Anpec Electronics, Corp.
|
MC7905CT MC7906CT MC79XXCT MC7924CT MC7908CT MC790 |
IC VREG 24 V FIXED NEGATIVE REGULATOR, PSFM3, TO-220, 3 PIN, Fixed Negative Single Output Standard Regulator 3-Terminal Fixed Negative Voltage Regulators IC VREG 9 V FIXED NEGATIVE REGULATOR, PSFM3, TO-220, 3 PIN, Fixed Negative Single Output Standard Regulator
|
VISAY[Vishay Siliconix] Vishay Semiconductors
|
MC7805CT MC7815CT |
IC VREG 5 V FIXED POSITIVE REGULATOR, PSFM3, TO-220AB, 3 PIN, Fixed Positive Single Output Standard Regulator 15 V FIXED POSITIVE REGULATOR, PSFM3
|
Vishay Semiconductors
|
STV8162 STV8162D STV816209 |
5 V, 5 V and 8 V triple voltage regulator with disable and reset functions TRIPLE OUTPUT, FIXED POSITIVE REGULATOR, PZ TRIPLE OUTPUT, FIXED POSITIVE REGULATOR, PDIP18
|
STMicroelectronics
|
SPX2870U-5.0 SPX2870 SPX2870AT SPX2870AT-2.5 SPX28 |
5 V FIXED POSITIVE LDO REGULATOR, 1.5 V DROPOUT, PSFM3 6.5A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response ENCODER ROTARY 12MM 20PPR W/SW ENCODER ROTARY 12MM VERT 12PPR Analog IC 6.5A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response 6.5A低压差稳压器可调 2.5 V FIXED POSITIVE LDO REGULATOR, 1.5 V DROPOUT, PSSO2
|
EXAR CORP SIPEX[Sipex Corporation] Advanced Power Electronics, Corp.
|
LP2950CZ-3.3RA LP2950CZ-5.0RP LP2950ACZ-5.0RA LP29 |
100mA, 3.3V Output, Low Power Low Dropout Voltage Regulator; Package: TO-92 (TO-226) 5.33mm Body Height; No of Pins: 3; Container: Tape and Reel; Qty per Container: 2000 3.3 V FIXED POSITIVE LDO REGULATOR, 0.45 V DROPOUT, PBCY3 100mA, 5.0V Output, Low Power Low Dropout Voltage Regulator; Package: TO-92 (TO-226) 5.33mm Body Height; No of Pins: 3; Container: Tape and Ammunition Box; Qty per Container: 1000 5 V FIXED POSITIVE LDO REGULATOR, 0.45 V DROPOUT, PBCY3 100mA, 5.0V Output, Low Power Low Dropout Voltage Regulator; Package: TO-92 (TO-226) 5.33mm Body Height; No of Pins: 3; Container: Tape and Reel; Qty per Container: 2000 5 V FIXED POSITIVE LDO REGULATOR, 0.45 V DROPOUT, PBCY3 100mA, 5.0V Output, Low Power Low Dropout Voltage Regulator- Pb Free Device; Package: DPAK 4 LEAD Single Gauge Surface Mount; No of Pins: 4; Container: Tape and Reel; Qty per Container: 2500 5 V FIXED POSITIVE LDO REGULATOR, 0.45 V DROPOUT, PSSO3 100 mA, Low Power Low Dropout Voltage Regulator 3.3 V FIXED POSITIVE LDO REGULATOR, 0.45 V DROPOUT, PSSO3 100 mA, Low Power Low Dropout Voltage Regulator 3 V FIXED POSITIVE LDO REGULATOR, 0.45 V DROPOUT, PSSO3 CONNECTOR ACCESSORY 3 V FIXED POSITIVE LDO REGULATOR, 0.45 V DROPOUT, PSSO3 100 mA, Low Power Low Dropout Voltage Regulator 5 V FIXED POSITIVE LDO REGULATOR, 0.45 V DROPOUT, PSSO3 Micropower Voltage Regulators 3 V FIXED POSITIVE LDO REGULATOR, 0.45 V DROPOUT, PSSO3 128 x 128 pixel format, LED or EL Backlight available 3.3 V FIXED POSITIVE LDO REGULATOR, 0.45 V DROPOUT, PBCY3 Micropower Voltage Regulators 3.3 V FIXED POSITIVE LDO REGULATOR, 0.45 V DROPOUT, PBCY3 Micropower Voltage Regulators 5 V FIXED POSITIVE LDO REGULATOR, 0.45 V DROPOUT, PSSO3 Micropower Voltage Regulators 5 V FIXED POSITIVE LDO REGULATOR, 0.45 V DROPOUT, PBCY3 Micropower Voltage Regulators 3 V FIXED POSITIVE LDO REGULATOR, 0.45 V DROPOUT, PBCY3 100mA, 3V Output, Low Power Low Dropout Voltage Regulator with Error Flag output; ; Pb Free Device; Package: Micro8™; No of Pins: 8; Container: Tape and Reel; Qty per Container: 4000
|
ON Semiconductor
|
AS2815YU-X AS2815AU-3-3 AS2815 AS2815YR-X AS2815YT |
3.3 V FIXED POSITIVE LDO REGULATOR, 1.2 V DROPOUT, PSSO2 Analog IC 模拟IC 1.5A Low Dropout Voltage Regulator Adjustable & Fixed Output,Fast Response 1.5A Low Dropout Voltage Regulator
Adjustable & Fixed Output,
Fast Response 1.5A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response
|
BCD Semiconductor Manufacturing, Ltd. Sipex Corporation
|
TC1263_05 TC1263-2.5VAT TC1263-2.5VET TC1263-2.5VE |
500 mA, Fixed-Output, CMOS LDO with Shutdown The TC1263 is a fixed output, high accuracy (typically ±0.5%) CMOS low dropout regulator. Designed specifically for battery-operated ...
|
MICROCHIP[Microchip Technology]
|
TC1262 TC1262-2.5VAB TC1262-2.5VDBTR TC1262-2.5VEB |
The TC1262 is a fixed output, high accuracy (typically ±0.5%) CMOS low dropout regulator. Designed specifically for battery-operated ... The TC1262 is a fixed output, high accuracy (typically ±0.5%) CMOS low dropout regulator. Designed specifically for battery-operated systems, the TC1262’s CMOS construction eliminates wasted ground current, significantly extendi 500mA fixed output CMOS LDO, 2.5V 500mA fixed output CMOS LDO, 2.8V
|
Microchip Technology
|
NTE1872 |
QUAD OUTPUT, FIXED POSITIVE REGULATOR, PSMA15 Integrated Circuit Module, 4 Output Positive Voltage Regulator for VCR
|
NTE[NTE Electronics]
|
|